jna. 20 stern ave. springfield, new jersey 07081 u.sa telephone: (979!) 379-2922 6a05 thru 6a100 6.0 amps. silicon rectifiers sa features <- low forward voltage drop <- high current capability <- high reliability ?^ high surge current capability mechanical data ? 6.0a maximum dc reverse current <@ ta=25"c at rated dc blocking voltage @ ta=100c vlaximum full load reverse current, full cycle averagg .375"(9.5mm) lead length @ta=75c typical junction capacitance ( note 1 ) typical thermal resistance r d ja ( note 2 ) operating temperature range tj storage temperature range tctg 6a05 6a10 6a20 6a40 50 100 200 400 35 70 140 280 50 100 200 400 ?. m~ in 2u j *r cs^i tip* ange?-'v 'a/flts-.^ tf^si' ^5^f0^:^ 1.0(25.4) min. | 1 ^^ ?3eo-!iji -^- ch 1.0(2s/i) ? ? min. es and (millimeters) 6AGO 600 420 600 6.0 6a80 800 560 800 5a100 1000 700 1000 250 0.95 10 400 50 100 10 -6510+125 -65 to +150 units v v v a a v ua ua ua pf cav r c notes: 1. measured at 1 mhz and applied reverse voltage of 4.0 v d.c. 2. thermal resistance from junction to ambient .375" (9.5mm) lead length, vi semi-t adductors reserves lh? right lo thonge wsl conditions, parameter limits ,md package dimensions \nlhoul notice information furnished by nj scmi-c'onductort is believed lo he both accurate and reliable .11 the lime of going to press. however v. i '??cini-l hiduuors .twuinvs nn rcvpunsibility cor .my errors or mnissimis discovered in us i^e ni scmi-t.ondiii.iurs tnaiumacs n'.r. pi'cf. li> vtiit> ih.u >l:iia-;hveis ,irc current herbre plating .tilers
|